Part Number Hot Search : 
MJ11028 H7805BI A1021 227M0 FA10313 KBU2508 MAX183 88523
Product Description
Full Text Search
 

To Download D25CRCW120610010211ET5E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead free thick film, rectangular chip resistors series d/crcw www.vishay.com for technical questions in europe contact: ff1aresistors@visha y .com document number: 20035 78 for technical questions in americas/asia contact: ff2bresistors@visha y .com revision: 22-nov-04 d../crcw.... e3 vishay features ? metal glaze on high quality ceramic ? protective overglaze ? lead (pb)-free solder contacts on ni barrier layer ? pure tin plating provides compatibility with lead (pb)-free and lead containing soldering processes ? compatible with ?restriction of the use of hazardous substances? (rohs) directive 2002/95/ec (issue 2004) ? excellent stability in different environmental conditions ? high volume product suitable for commercial and special applications 1) 100ppm/k on request standard electrical specifications model size power rating p 70c w limiting element voltage max v temperature coefficient ppm/k tolerance % resistance range ? e-series inch metric cecc 40401-802/eia-575 crcw0201 0201 0525 0.05 0.05 30 30 200 200 1 5 10r ? 1m 10r ? 1m0 24 + 96 24 zero-ohm-resistor: r max = 50m ? , i max = 1a d10/crcw0402 0402 1005 0.063 50 200 1) 100 200 1 1 5 1r0 ? 9r76 10r ? 10m 1r0 ? 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20m ? , i max = 1a d11/crcw0603 0603 1608 0.10 75 200 1) 100 200 1 1 5 1r0 ? 9r76 10r ? 10m 1r0 ? 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20m ? , i max = 1.5a d12/crcw0805 0805 2012 0.125 150 200 1) 100 200 1 1 5 1r0 ? 9r76 10r ? 10m 1r0 ? 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20m ? , i max = 2a d25/crcw1206 1206 3216 0.25 200 200 1) 100 200 1 1 5 1r0 ? 9r76 10r ? 10m 1r0 ? 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20m ? , i max = 2.5a crcw1210 1210 3225 0.33 200 200 1) 100 200 1 1 5 1r0 ? 9r76 10r ? 1m0 1r0 ? 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20m ? , i max = 2.5a crcw1218 1218 3246 1.0 200 200 1) 100 200 1 1 5 1r0 ? 9r76 10r ? 2m2 1r0 ? 2m2 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20m ? , i max = 4a crcw2010 2010 5025 0.5 400 200 1) 100 200 1 1 5 1r0 ? 9r76 10r ? 10m 1r0 ? 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20m ? , i max = 3a crcw2512 2512 6332 1.0 500 200 1) 100 200 1 1 5 1r0 ? 9r76 10r ? 10m 1r0 ? 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20m ? , i max = 4a ? ask about further value ranges ? for low values see thick film rectangular low value resistors ? for high values see thick film rectangular high values. ? for precision thick film crcw see thick film rectangular precision resistors ? marking and packaging: see appropriate catalog or web pages ? power rating depends on the max. temperature at the solder point, the component placement density and the substrate material ? agpd or pd terminations for conductive adhesive attachment on request ordering information d11/crcw0603 100 562r 1% et6 e3 model tc ppm / k resistance value ? tolerance % packaging papertape 20000 pcs lead free
d../crcw.... e3 lead free thick film rectangular chip resistors series d/crcw vishay document number: 20035 for technical questions in europe contact: ff1aresistors@visha y .com www.vishay.com revision: 22-nov-04 for technical questions in americas/asia contact: ff2bresistors@visha y .com 79 dimensions size dimensions [in millimeters] inch metric lw h t1t2 0201 0525 0.6 0.05 0.3 0.05 0.23 0.05 0.15 0.05 0.6 0.05 0402 1005 1.0 0.05 0.5 0.05 0.35 0.05 0.25 0.05 0.2 0.1 0603 1608 1.55 + 0.10 - 0.05 0.85 0.1 0.45 0.05 0.3 0.2 0.3 0.2 0805 2012 2.0 + 0.20 - 0.10 1.25 0.15 0.45 0.05 0.3 + 0.20 - 0.10 0.3 0.2 1206 3216 3.2 + 0.10 - 0.20 1.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 1210 3225 3.2 0.2 2.5 0.2 0.55 0.05 0.45 0.2 0.4 0.2 1218 3246 3.2 + 0.10 - 0.20 4.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 2010 5025 5.0 0.15 2.5 0.15 0.6 0.05 0.6 0.2 0.6 0.2 2512 6332 6.3 0.2 3.15 0.15 0.6 0.05 0.6 0.2 0.6 0.2 size solder pad dimensions [in millimeters] reflow soldering wave soldering inch metric a b l a b l 0201 0525 0.28 0.43 0.23 0402 1005 0.4 0.6 0.5 0603 1608 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 0.9 1.7 2.0 1.1 1.7 2.3 1210 3225 0.9 2.5 2.0 1.1 2.5 2.2 1218 3246 1.05 4.9 1.9 1.25 4.8 1.9 2010 5025 1.0 2.5 3.9 1.2 2.5 3.9 2512 6332 1.0 3.2 5.2 1.2 3.2 5.2 technical specifications parameter unit crcw0201 d10/ crcw0402 d11/ crcw0603 d12/ crcw0805 d25/ crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 rated dissipation at 70c (cecc 40401 | eia 575) w 0.05 0.063 0.10 0.125 0.25 0.33 1.0 0.5 1.0 limiting element voltage 2) v 30 50 75 150 200 200 200 400 500 insulation voltage (1 min) v peak 50 > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 thermal resistance k/w 870 1) 550 1) 440 1) 220 1) 140 3) 3) 88 3) 65 3) insulation resistance ? > 10 9 category temperature range c - 55 / + 125 (+ 155) failure rate h -1 1.10 -9 0.3 ? 10 -9 weight / 1000pcs g 0.17 0.65 2 5.5 10 16 29.5 25.5 40.5 1) measuring conditions in acc. to cecc 4040 2) rated voltage: 3) depending on solder pad dimensions pxr model value tolerance t.c. packaging special crcw0201 r = decimal f = 1.0% k = 100 ppm/k ea = et1 5000 paper tape up to 2 digits d10/crcw0402 k = thousand j = 5.0% n = 200 ppm/k eb = et5 10000 paper tape d11/crcw0603 m = million ec = et6 20000 paper tape d12/crcw0805 ed = et7 10000 paper tape d25/crcw1206 ee = ef4 50000 paper tape crcw1210 ef = e02 4000 paper tape crcw1218 eg = e67 2000 paper tape crcw2010 eh = e82 4000 paper tape crcw2512 ei = eg1 5000 paper tape ek = et9 4000 paper tape el = e20 20000 paper tape ey = e27 bulk part number information part numbering: crcw0603562rfkec crcw0603562rfkec
www.vishay.com for technical questions in europe contact: ff1aresistors@visha y .com document number: 20035 80 for technical questions in americas/asia contact: ff2bresistors@visha y .com revision: 22-nov-04 d../crcw.... e3 vishay lead free thick film, rectangular, chip resistors series d/crcw 0402 0603 0805 1206 1210 2010 2512 90 80 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 power in watts temperature rise in c temperature rise derating *there are differences in board layout and measurements between cecc and eia. -55 -25 0 25 50 75 100 125 150 175 120 100 80 60 40 20 0 ambient temperature in c 70 rated power in % eia* cecc* 100 1k 10k 100k 1m 10m non-linearity 110 100 90 80 70 60 50 40 30 20 10 resistance value in ? non-linearity a 3 in db 1206 0805 0603 0402 100 1k 10k 100k 1m 10m 100 10 1 0.1 current noise resistance value in ? current noise in v/v 0402 0603 0805 1206 packaging model reel bulk tape width diameter pieces/reel pitch packaging code bulk feeding magazine pieces/magazine paper blister pieces code crcw0201 8mm 180mm/7? 10000 2mm p0/rt7 papertape 330mm/13? 50000 2mm pz/rf4 d10/crcw0402 8mm 180mm/7? 10000 2mm et7 50000 e27 papertape 330mm/13? 50000 2mm ef4 d11/crcw0603 8mm 180mm/7? 5000 4mm et1 eg1 25000 e27 paper-/ 255mm/10? 10000 4mm et5 blistertape 330mm/13? 20000 4mm et6 e20 d12/crcw0805 8mm 180mm/7? 5000 4mm et1 eg1 10000 e27 paper-/ 255mm/10? 10000 4mm et5 blistertape 330mm/13? 20000 4mm et6 e20 d25/crcw1206 8mm 180mm/7? 5000 4mm et1 eg1 paper-/ 255mm/10? 10000 4mm et5 blistertape 330mm/13? 20000 4mm et6 e20 crcw1210 8mm 180mm/7? 5000 4mm et1 eg1 paper-/blistertape 330mm/13? 20000 4mm et6 e20 crcw1218 12mm 180mm/7? 4000 4mm et9 blistertape crcw2010 12mm 180mm/7? 4000 4mm e02 blistertape crcw2512 12mm 180mm/7? 2000 8mm e67 blistertape 4000 4mm e82
d../crcw.... e3 lead free thick film rectangular chip resistors series d/crcw vishay document number: 20035 for technical questions in europe contact: ff1aresistors@visha y .com www.vishay.com revision: 22-nov-04 for technical questions in americas/asia contact: ff2bresistors@visha y .com 81 0805 0402 0603 10k 1 m 10 m 1206 140 120 100 80 60 40 20 0 ? = f [ ? s ] parameter: ? u 20 40 60 80 100 120 140 160 180 load in w 0.01 0.1 1 20 40 60 80 100 120 140 160 180 film temperature ? s in c 0.01 0.1 1 10 1 0.1 0.01 resistance change ? r/r % ? r/r (t) = f [ ? r/r (t = 1000h)] parameter : time 0.5 0.4 0.3 0.2 0.1 0 140 120 100 80 60 40 20 0 film temperature ? s in c stability nomogram typical values (for handling see general explanations) resistance change [ ? r/r] in % after 1000h temperature rise in ? c ? = 20 c 40 c 60 c 80 c 100 c 120 c 140 c t = 100 000h 10 000h 5000h 2000h 1000h ? r/r [t = 1000 h] = f [ ? s] parameter: resistance value ? = f [p] parameter : size 0.25w 0.125w 0.0625w 120 100 80 60 40 20 1 2 3 5 7 10 2 3 5 7 100 2 3 5 7 60 80 100 120 140 surface temperature ? s [ c] number of mounted resistors [pcs] power rating as a function of packaging density (guideline ) ? u = 120 c ? u = 100 c ? u = 80 c ? u = 60 c ? u = 40 c ? u = 20 c ? = [ c]
www.vishay.com for technical questions in europe contact: ff1aresistors@visha y .com document number: 20035 82 for technical questions in americas/asia contact: ff2bresistors@visha y .com revision: 22-nov-04 d../crcw.... e3 vishay lead free thick film, rectangular, chip resistors series d/crcw 1000 100 10 1 0.1 0.01 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 2512 1218 2010 1206 0805 0603 0402 secondary conditions: a) p p (peak pulse, single pulse) b) u < 70 c) ? see diagram (max. pulse voltage) square pulse in t j s pulse rating p 0 power rating p in watts 100 10 1 0.10 0.01 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 secondary conditions: a) p p (permissible constant power at + 70 c) b) u < 70 c) ? see diagram (max. pulse voltage) square pulse in t j s pulse rating p p 70 power rating p in watts 1218 1218 1206 0805 0603 0402 0 1200 800 500 100 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 square pulse in t j s maximum pulse voltage pulse voltage ? max in v 2512 1206/1218 2010 0805 secondary conditions: a) p see diagrams (pulse rating) b) u < 70 0603 0402 1400 1300 1100 1000 900 700 600 400 300 200
d../crcw.... e3 lead free thick film rectangular chip resistors series d/crcw vishay document number: 20035 for technical questions in europe contact: ff1aresistors@visha y .com www.vishay.com revision: 22-nov-04 for technical questions in americas/asia contact: ff2bresistors@visha y .com 83 1) limits for change of resistance at test acc. to cecc performance test conditions of test requirements in % 1) 0402 0603 0805 1206 1210 1218 2010 2512 0201 endurance test at 70c iec 60115-1 4.25.1; eia-575 1000 hours at 70c, 1.5 hours "on", 0.5 hours "off" 1.0 0.5 1.0 3.0 endurance at uct iec 60115-1 4.25.3 1000 hours at 125c without load 1.0 0.5 1.0 2.0 overload test iec 60115-1 4.13; eia-575 short time overload, 2.5 x rated voltage or 2 x limiting element voltage. 0.25 0.25 0.5 1.0 thermal shock iec 60115-1 4.19; iec 60068-2-14; eia-575 rapid change between upper and lower category temperature 0.25 0.25 0.5 0.5 damp heat steady state iec 60115-1 4.24; iec 60068-2-3 56 days at 40c and 93% relative humidity 1.0 0.5 1.0 2.0 resistance to soldering heat iec 60115-1 4.18; iec 60068-2-20; eia-575 10 seconds at 260c solder bath temperature 0.25 0.25 0.5 1.0 applicable specifications ? cecc40000/40400/40401-004,-006,-007,-802 ? en140400/iec 60115-1 ? eia-575


▲Up To Search▲   

 
Price & Availability of D25CRCW120610010211ET5E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X